Part Number Hot Search : 
16129FP 2245BF LF351 V6301 05100 MC33204 2SA1641 2N6576
Product Description
Full Text Search
 

To Download PL523-1Y01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pl523 series 5mm led panel mount metal holder features * panel mount indicator with inner reflector *chrome or black finish *mounting hole 8 mm (0.315?) *mounting hardware included *1 yellow led with color diffused lens used *standard lead terminals *rohs compliant absolute maximum ratings at t a = 25c reverse voltage (<100 a) ????????.??????????????? 5.0v max forward current??.????..???????.??..???.????. 30ma peak forward current (1/10 duty cycle, 0.1ms pulse width) ??........??.??...?? 100ma operating temperature range??????????????..??. -25c to +85c storage temperature range??????.....???????.?...? -40c to +100c soldering temperature (1.6 mm below body) ???....?????.?.?. 260c for 5 seconds power dissipation?????????????????????????. 78mw electrical & optical characteristics at t a = 25c part number add s for chrome finish add b for black finish emitting color chip material peak wave length dominant wave length viewing angle 2 ? forward voltage @20ma (v) luminous intensity @20ma (mcd) nm nm deg typ max min typ PL523-1Y01 yellow gaasp 585 590 35 2.1 2.6 14.0 27.0 all dimensions are in millimeters. tolerance is 0.25mm unless otherwise specified. 02-15-07 rev 0 rs tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 2.54typ. anode 4.1 6.8 4.9 2.0 8.5 10.0 6.65 15.0 min. washer m8 x 0.75 5mm led


▲Up To Search▲   

 
Price & Availability of PL523-1Y01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X